PART |
Description |
Maker |
LM117K LM117 LM317T |
1.2V TO 37V VOLTAGE REGULATOR
|
STMicroelectronics
|
LM317K |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
ST Microelectronics
|
LM317LZ LM217L LM217LD LM217LZ LM317L |
1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR LOW CURRENT LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
SGS Thomson Microelectronics STMicroelectronics
|
LM317MG-S08-R LM317MG-S08-T LM317ML-S08-R LM317ML- |
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
Unisonic Technologies
|
LM317A LM317AL-TA3-T LM317AL-TF2-T LM317AL-TQ2-T L |
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
E-Tech Electronics LTD
|
LM317 |
HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
|
E-Tech Electronics LTD
|
OM1321NKM |
1.5 A茂录?1.2 To 37V ,Three Terminal, Precision Adjustable Positive Voltage Regulator
|
|
LT3686 LT3686EDDTRPBF LT3686IDDTRPBF |
37V/1.2A Step-Down Regulator in 3mm × 3mm DFN
|
Linear Technology
|
AM29DL320GB70WDF AM29DL320GB120 AM29DL320GT70PCFN |
For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path. 对于新的设计,涉及TSOP封装,S29JL032H会取代Am29DL320G,是厂家推荐的迁移路径 For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path. 2M X 16 FLASH 3V PROM, 70 ns, PBGA63 High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters 16-CDIP -55 to 125 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 DIODE SCHOTTKY SINGLE 10V 200mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-323 3K/REEL DIODE SCHOTTKY HEX COMMON-CATHODE 30V 250mW 0.57V-vf 200mA-IFM 30mA-IF 0.7uA-IR DFN1616-6 3K/REEL
|
Advanced Micro Devices SPANSION LLC Spansion, Inc. PROM Spansion Inc.
|
MMBZ52 MMBZ5235 MMBZ5250 MMBZ5243 MMBZ5256 MMBZ525 |
SURFACE MOUNT ZENER DIODES/SOT-23 2-36V Dual Comparator, Ta = -40 to 105°C - Pb-free; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000 3A, 15V, 52kHz Buck PWM Switching Regulator; Package: TO-220 5 LEAD STANDARD; No of Pins: 5; Container: Rail; Qty per Container: 50 3A, Adjustable Output Voltage 1.23 to 37V, 52kHz Buck PWM Switching Regulator; Package: 5 LEAD D2PAK; No of Pins: 5; Container: Rail; Qty per 3-36V Quad Comparator, Ta = -40 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 表面贴装稳压DIODES/SOT-23 100mA, Adjustable Output 3 to 24V, LDO Voltage Regulator with 60V Load Dump Protection; Package: TO-220 5 LEAD OFFSET; No of Pins: 5; Container: Rail; Qty per Container: 50
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
VI-JWMCM VI-JWMCX VI-JWMCY VI-JWMCZ VI-JW0CM VI-JW |
DC-DC Converters 25 to 100 Watts RACK STEEL HD GREY 28X19X17.5,1 IC BUFFER QUAD W/HI-CAP 14-SOICN BOARD EVALUATION FOR ZXFV302 IC CONVERTER LCD BIAS 10MSOP IC CONV LED DRVR ADJ SW TSOT23-5 IC AMPLIFIER VIDEO QUAD 14-SOIC IC BUFFER OCTAL LOW PWR 20-SOICW IC AMPLIFIER VIDEO SGL SOT23-5 BOARD EVALUATION FOR ZXFV202 SWITCH 3A BASIC SEALED .110QC KIT COMPASS SENSOR 3-AXIS MOSFET P-CH 100V 700MA SOT-23 MOSFET P-CH TRENCH -100V SOT23-6 MOSFET 2P-CH 30V 5.5A 8-SOIC MOSFET P-CH 40V 6.4A SOT223 MOSFET P-CH 100V 3.7A SOT223 MOSFET P-CHAN 100V DPAK MOSFET P-CH 200V 122MA SOT23-5 MOSFET P-CHAN 60V DPAK MOSFET N-CH 70V 3.8A SOT-223 MOSFET N-CH 70V 6.1A SOT-223 MOSFET P-CH 200V 200MA SOT-223 TRANSISTOR, P CHANNEL ENHANCEMENT MODE MOSFET, 30V MOSFET P-CH 30V 4.6A SOT223 MOSFET P-CH 30V 5.6A 8-SOIC MOSFET P-CHAN 40V DPAK MOSFET P-CH 30V 1.4A SOT-23 MOSFET 2P-CH 30V 4.4A 8-SOIC Aluminum Electrolytic Radial Leaded 7mm Length Wide Temp Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x7 mm; Packaging: Bulk Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:10VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Body Diameter:6.3mm; Body Length:5.4mm RoHS Compliant: Yes IC REF VOLT 1.22V 5MA 3% SOT-23 IC REF VOLT 1.22V 20MA 1% TO-92 IC REF VOLT 1.22V 5MA 1% SOT-23 IC REF VOLT 1.22V 5MA 1% TO-92 8 Pin, DIP, AC Input, Dual Phototransistor Detector, CTR 20-300 @ 1mA, 5V Optocoupler IC CTRLR PWN DC-DC 5V 16-QSOP IC REF VOLT 1.22V 20MA .5% SOT23 IC REF VOLT 1.22V 5MA 2% SOT-23 IC REF VOLT 1.22V 5MA 2% 8-SOIC SINGLE N CHANNEL MOSFET MOSFET N-CHAN 30V 3.5A SOT-23 MOSFET N-CH 40V 5A SOT223 MOSFET N-CH 30V 1.8A SOT-23 MOSFET N-CHAN 40V 10.9A DPAK MOSFET N-CH 30V 3.7A SOT-23-6 MOSFET N-CH 30V 2.4A SOT-23-6 MOSFET N-CH 30V 5.3A 8-MSOP MOSFET N-CH 30V 18.4A DPAK SMD TRANS MOS FET N-CH ENH ZXMN3A14F MOSFET N-CH 60V 11.2A DPAK MOSFET 2N-CH 30V 6.2A 8-SOIC MOSFET N-CH 30V 7.2A 8-SOIC MOSFET N-CH 30V 5.3A 8-SOIC MOSFET 2N-CH 30V 8.5A 8-SOIC MOSFET-N CHN,SMT SOT23,30V MOSFET N-CH 450V 140MA SOT-223 MOSFET 2P-CH 30V 2A 8-MSOP MOSFET N-CH 100V 1.3A SOT223 IC MONITOR CURR HI SIDE SOT23-5 TRANSISTOR, MOSFET, N-CHANNEL REV. 1 IC MONITOR CURRENT HI SIDE SM-8 MOSFET P-CH 20V 900MA SOT-23 MOSFET, P-CH, 30V, 2.6A, SOT23-6 MOSFET N P 30V 5.4A 8-SOIC MOSFET N-CH 100V 7.7A DPAK MOSFET N-CH 30V 1.4A SOT-23 MOSFET 2P-CH 30V 4.8MA 8-SOIC MOSFET N-CHAN 100V DPAK TRANSISTOR,P-CHANNEL FET,20V SOT23 IC MOSFET P-CHNNL MICRO6 IC CURRENT MON HI SIDE SOT23-5 MOSFET N-CH 30V 5A 8-MSOP IC AMP AUDIO STEREO 25BIT 28SSOP IC MONITOR SIMPLE CURRENT SOT-23 MOSFET, N-CHANNEL, 20V(DSS), 1.3A I(D), 0.6V(GSTH) MOSFET N-CH 100V 1.6A 8-SOIC MOSFET N-CH 100V 1.5A SOT-23-6 MOSFET N-CH 20V 1.7A SOT-23 MOSFET P-CH 30V 1.1A SOT-23 MOSFET N-CH 20V 5.4A 8-MSOP MOSFET N-CH 35V 6.7A SOT223 MOSFET N-CH 35V 13A TO-220 MOSFET 2N-CH 30V 2.3A 8-MSOP IC MONITOR CURRENT HI SIDE 8MSOP IC FILTER VARIABLE Q WIDE 24SOIC MOSFET N-CH 100V 800MA SOT-23 IC CURRENT MONITOR SOT23-5 Bipolar Transistor; Power Dissipation:0.45W; Package/Case:TO-39; Current Rating:50mA; Voltage Rating:60V Unijunction Transistor; Power Dissipation:0.300W; Collector Current:0.5A; Current Rating:50A Unijunction Transistor; Power Dissipation:0.300W; Package/Case:TO-92; Mounting Type:Through Hole; Current Rating:1A; Voltage Rating:40V SRAM Memory IC; Memory Type:SRAM; Interface Type:Serial; Access Time, Tacc:450ns; Package/Case:24-DIP; Mounting Type:Through Hole Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 3300uF; Voltage: 10V; Case Size: 16x15 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Low Profile Capacitor; Capacitance: 2200uF; Voltage: 16V; Case Size: 16x15 mm; Packaging: Bulk FILTER CERAMIC TCAS 1090MHZ SMD T-STR 24 2-R HDR .23X.095 DIODE SCHOTTKY SINGLE 30V 160mW 0.37V-vf 30mA-IFM 1mA-IF 0.5uA-IR SOD-323 3K/REEL RF Bipolar Transistor; Collector Emitter Voltage, Vceo:600mV; Transistor Polarity:N Channel; Power Dissipation:1.5W; C-E Breakdown Voltage:300V; DC Current Gain Min (hfe):100; Collector Current:100mA; DC Current Gain Max (hfe):200 GT 6C 3#0 3#12 PIN PLUG RESISTOR SILICONE 1.0 OHM 2W Circular Connector; Body Material:Aluminum Alloy; Series:KPSE07; No. of Contacts:32; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin RoHS Compliant: No Antenna Switch; Package: PG-TSLP-2; IF (max): 100.0 mA; CT (max): 0.35 pF; rF (typ): 0.8 Ohm; Trr (typ): 750.0 ns; Configuration: Single; Dual Semi Biased; Package: PG-SOT363-6; ID (max): 25.0 mA; Ptot (max): 200.0 mW; gfs (typ): 30.0 mS; Gp (typ): 25.0 dB; F (typ): 1.3 dB; B Series/ Female Crimp PV SERIES Gate / Inverter Logic IC; Logic Type:Gate; Logic Family:4000; Logic Base Number:4023; Package/Case:14-DIP Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:30Vrms; Peak Surge Current (8/20uS), Itm:1000A; Clamping Voltage 8/20us Max :95V; Peak Energy (10/1000uS):8.5J; Clamping Voltage Max, Vc:95V; Peak Surge Current:1000A LOGIC IC - DATASHEET REFERENCE IGBT; Continuous Collector Current, Ic:50A; Collector Emitter Saturation Voltage, Vce(sat):3V; Power Dissipation, Pd:200W; Collector Emitter Voltage, Vceo:600V; Transistor Polarity:N Channel RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-3; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Integrated Circuit Voltage; Mounting Type:Through Hole Bipolar Transistor; Package/Case:TO-3; Current Rating:25A; Voltage Rating:150V RoHS Compliant: Yes Video Buffer / Amplifier IC; Number of Amplifiers:2; Bandwidth Max:120MHz; Amplifier Output:Fully-Differential; Dual Supply Voltage Max ( /- V):8V; Package/Case:14-DIP; Bias Current:30uA; Gain:120dB; Gain Typ, V/V:400 CABINET ALUMINUM 3.5 X 17 X 9 RESISTOR WIREWOUND 125 OHM 5W RESISTOR WIREWOUND 680 OHM 5W Power Resistor; Series:90; Resistance:22ohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes DIODE/SM, ZEN 28V@.0045A .5W 5% SOD-123 Bipolar Transistor; Package/Case:TO-39; Current Rating:5A; Voltage Rating:80V T-NPN-SI-HIGH VOLTAGE Bipolar Transistor; Power Dissipation, Pd:0.2W; DC Current Gain Min (hfe):220; C-E Breakdown Voltage:65V; Collector Current:0.1A; DC Current Gain Max (hfe):475; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes T-PNP SI- AF OUTPUT MTG BRACKET D-77159 PACK OF 10 DC-DC Converters 25 to 100 Watts DC - DC转换2500 1-OUTPUT 50 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 1-OUTPUT DC-DC REG PWR SUPPLY MODULE 1-OUTPUT 75 W DC-DC REG PWR SUPPLY MODULE T-NPN- SI-HIV AF PO DC - DC转换2500 PV75W16-8S DC - DC转换2500 Amplifier IC; Transistor Polarity:NPN; Number of Transistors:5; Collector Emitter Voltage, Vceo:15V; Package/Case:14-DIP; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Through Hole DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:16; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:14S; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female DC - DC转换2500 RECTIFIER DIODE,400V V(RRM),DO-41 DC - DC转换2500 Schottky Rectifier; Current Rating:30A; Mounting Type:Through Hole; Package/Case:DO-4; Capacitance:2000pF DC - DC转换2500 CONN-HDR, POST, 26P 2ROW, .1X.1SP, GD PL DC - DC转换2500 V7 Series Miniature Basic Switch, Single Pole Double Throw Circuitry, 5 A at 250 Vac, Roller Lever Actuator, 0,42 N [1.5 oz] Maximum Operating Force, Silver Contacts, Quick Connect Termination DC - DC转换2500 RESISTOR, 3.32K,1%,1/16W,0402,SMD DC - DC转换2500 NPN Transistor; Current Rating:12A; Voltage Rating:800V RoHS Compliant: Yes DC - DC转换2500 TRANSIENT SUPPRESSOR DIODE,SINGLE,UNIDIRECTIONAL,12.8V V(RWM),Axial-9.5 RoHS Compliant: Yes DC - DC转换2500 RESISTOR SILICONE 20 OHM 2W DC - DC转换2500 ICS, PROC, PRIZMA-EP, PRS64G, 1.8V, CCGA DC - DC转换2500 CABINET ALUMINUM 5.25 X 14 X 7 DC - DC转换2500 Operational Amplifier (Op-Amp) IC; Number of Amplifiers:1; Slew Rate:0.5V/us; Package/Case:8-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500 JFET; Transistor Polarity:Dual P Channel; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:2mA; Zero Gate Voltage Drain Current Max, Idss:9mA; Gate-Source Cutoff Voltage Max, Vgs(off):7.5V DC - DC转换2500 Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Slew Rate:0.5V/us; Package/Case:14-DIP; Op Amp Type:General Purpose; Dual Supply Voltage Max ( /- V):18V; Amplifier Type:Operational; Mounting Type:Through Hole DC - DC转换2500 Voltage Comparator; Comparator Type:General Purpose; Response Time:200ns; Comparator Output:RTL, DTL, TTL, MOS; Single Supply Voltage Min ():5V; Dual Supply Voltage Max ( V):15V; Package/Case:8-Mini DIP RoHS Compliant: Yes DC - DC转换2500 PWR-MOSFET N-CHAN ENHAN DC - DC转换2500 Mounting Bracket; For Use With:270-25, 270-50, 210-25 and 210-50; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes DC - DC转换2500 RESISTOR SILICONE 12 OHM 5W DC - DC转换2500 LED ALINGAP RA RED DIF 636NM SMD DC - DC转换2500 Metal-Oxide Varistor (MOV),260V V(RMS),4.5kA I(TM),Radial RoHS Compliant: Yes DC - DC转换2500 DIODE ZENER SINGLE 500mW 22Vz 5mA-Izt 0.05 0.1uA-Ir 15.4 PowerDI-323 3K/REEL DC - DC转换2500 Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:40V; Transistor Polarity:N Channel; Power Dissipation:0.4W; C-E Breakdown Voltage:40V; DC Current Gain Min (hfe):35; Collector Current:0.8A; Package/Case:3-TO-18 DC - DC转换2500 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:50A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 DC - DC转换2500 DC-DC Converters 25 to 100 Watts DC - DC转换25100 MOSFET-N CHAN-ENHANCEMENT DC - DC转换2500 CUR SEN/ZXCT1009 5UA CURR MONT DC - DC转换25100 IC MONITOR ENHANCED OFFSET SOT23 DC - DC转换25100 IC MONITOR LO-SENSE VOLT SOT23-5 DC - DC转换25100 IC CURRENT MON HISIDE BI SOT23-5 DC - DC转换25100 GTCL08R40-AGS-LC DC - DC转换2500 MOSFET N-CH 100V 1A SOT-89 DC - DC转换2500 MOSFET 2P-CH 20V 1.7A 8-MSOP DC - DC转换2500 MOSFET H-BRIDGE DUAL SM-8 DC - DC转换2500 MOSFET H-BRIDGE DUAL 100V SM-8 DC - DC转换2500 MOSFET H-BRIDGE DUAL 60V SM-8 DC - DC转换2500 MOSFET N-CHAN 60V 1.6A SM-8 DC - DC转换2500 T1/E1 Transformer DC - DC转换2500 IC DRIVER LED SW 350MA TSOT23-5 DC - DC转换2500 MOSFET N-CHAN 30V 2A SOT23 DC - DC转换2500 Power Resistor; Series:90; Resistance:4kohm; Resistance Tolerance: /- 5%; Power Rating:11W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes DC - DC转换2500 Optocoupler; Optocoupler Output Type:Schmitt Trigger; Isolation Voltage:7500Vrms; Package/Case:6-DIP; Collector Current:0.05A; Mounting Type:Through Hole DC - DC转换2500 RACK DESK VENTED BLK 3.5X19X13,1 DC - DC转换2500 CONNECTOR ACCESSORY DC - DC转换2500 IC BUFFER QUAD LOW PWR 14-SOICN DC - DC转换2500 IC AMPLIFIER VIDEO SGL 8-SOICN DC - DC转换2500 IC AMP DC RESTORATION 8-SOIC DC - DC转换2500 IC MULTIPLEXER VIDEO 4:1 16-SOIC DC - DC转换2500 MOSFET P-CH 20V 2.3A SC-59-6 DC - DC转换2500 DUST CVR,CONDUCTIVE,NAS837C-18 DC - DC转换2500 1-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE MOSFET N-CHAN 100V SOT223 MOSFET N-CH 20V 2.44 A SOT-23-6 MOSFET N-CH 20V 3.4A SOT-23 MOSFET 2N-CH 20V 7.7A 8-SOIC CONN-HDR, POST, 3P 1ROW, .10 CTR, .23 HT
|
http:// VICOR[Vicor Corporation] DC/DC变换 Intersil, Corp. Vicor, Corp. Analog Devices, Inc. Sunbrite Group Lumex, Inc. IXYS, Corp. Mitsubishi Electric, Corp. ITT, Corp. L-com, Inc.
|
|